PART |
Description |
Maker |
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
STC62WV1024 STC62WV1024DC STC62WV1024DC-55 STC62WV |
VERY LOW POWER VOLTAGE CMOS SRAM DIODE,ZENER 12. V 1. W SP-55 *1N4742A 非常低的电压CMOS的SRAM VERY LOW POWER VOLTAGE CMOS SRAM 非常低的电压CMOSSRAM VERY LOW POWER VOLTAGE CMOS SRAM 非常低的电压CMOS的SRAM
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
ELM742X |
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
|
ETC
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
TMP04CH01FXXXJTMP04CH01XXXS |
CMOS 4 bit LL Microcontroller (LL: Low power consumption & Low voltage operation)
|
TOSHIBA
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|